Part Number Hot Search : 
8051A 74HC279M PE4232 IR2166 CMLM0605 SA170 T9541ACE PT12321
Product Description
Full Text Search
 

To Download TL431A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROGRAMMABLE PRECISION SHUNT REGULATOR
FEATURES
Programmable Output Voltage to 40V Guaranteed 0.5% Reference Voltage Tolerance Low (0.2 Typ.) Dynamic Output Impedance Cathode Current Range(Continuous) - 100 ~ 150 mA Equivalent Full Range Temperature Coefficient of 50PPM/ Temperature Compensated For Operation Over Full Rate Operating Temperature Range Low Output Noise Voltage Fast Turn-on Response TO-92, SOT-89 or SOT-23 3L Package TO-92 PKG
TL431/A/C
3 T O P 2 1
SOT-23 PKG
2
TOP
APPLICATION
Shunt Regulator Precision High-Current Series Regulator High-Current Shunt Regulator Crowbar Circuit PWM Converter With Reference Voltage Monitor Precision Current Limiter
1 3
SOT-89 PKG
TOP
DESCRIPSION
The TL431 is a three-terminal adjustable shunt regulator with specified thermal stability over applicable temperature VREF (Approx. 2.5V) and 40V with two external resistors. This device has a typical dynamic output impedance of 0.2. Active output circuitry provides a very sharp turn-on characteristic, making this device excellent replacement for zener diodes in many applications. The TL431 is characterized for operation from -40 to +125.
PIN 1. Reference
ORDERING INFORMATION Device (Marking) TL431 TL431TA TL431SF TL431F
1
2
3
2. Anode
3. Cathode
Package TO-92(Bulk) TO-92(Taping) SOT-23 3L SOT-89 3L
* Refer to the page 2 for detailed ordering Information,
Absolute Maximum Ratings
(Operating temperature range applies unless otherwise specified) CHARACTERISTIC
Cathode Voltage Cathode Current Range(Continuous) Reference Input Current Range Junction Temperature Range Storage Temperature Range Operating Temperature Range
2008 - Rev. 1.2
SYMBOL
VKA IK IREF TJ TSTG TOPR
MIN.
-100 0.05 0 -60 -40
MAX.
42 150 10 150 150 125
UNIT
V mA mA
-1-
HTC
PROGRAMMABLE PRECISION SHUNT REGULATOR
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
Cathode Voltage Cathode Current
TL431/A/C
UNIT
V mA
SYMBOL
VKA IK
MIN.
VREF 0.5
MAX.
40 100
Ordering Information
VREF Package Tolerance Order No.
TL431C 0.5% TL431GC TL431CTA TL431GCTA TL431A TO-92 1% TL431GA TL431ATA TL431GATA TL431 2% TL431G TL431TA TL431GTA 0.5% TL431CSF TL431GCSF TL431ASF TL431GASF TL431SF TL431GSF TL431CF TL431AF TL431F
Package Marking
TL431-C TL431GC TL431-C TL431GC TL431-A TL431GA TL431-A TL431GA TL431 TL431G TL431 TL431G 431 431 431 431 431 431 431 431 431
Supplied As
Bulk
Tape
Bulk
Tape
Bulk
2.495V
Tape
Reel
SOT-23
1%
Reel
2% 0.5% SOT-89 1% 2%
Reel Reel Reel Reel
2008 - Rev. 1.2
-2-
HTC
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
2008 - Rev. 1.2
-3-
HTC
PROGRAMMABLE PRECISION SHUNT REGULATOR
PIN CONFIGURATION
Marking Side 2
TL431/A/C
TOP
TOP
1 123
3
1
2
3
TO-92 PKG
SOT-23 PKG
SOT-89 PKG
PIN DESCRIPTION
Pin No.
1 2 3
TO-92 / SOT-23 / SOT-89 Name
Reference Anode Cathode
Function
Reference Voltage Ground Input Supply Voltage
TL431 ELECTRICAL CHARACTERISTICS
(TA=25, unless otherwise specified)
CHARACTERISTIC
SYMBOL
TEST CONDITION
TL431C
MIN.
2.483 2.470 2.440
TYP.
2.495 2.495 2.495 3 -1.4 -1.0 1.8 0.4
MAX.
2.507 2.520 2.550 17 -2.7 -2.0 4.0 1.2
UNIT
Reference Input Voltage
VREF
VKA =VREF, IK =10mA
TL431A TL431
V
Deviation of Reference Input Voltage Ratio of Change in Reference Input Voltage to the Change in Cathode Voltage Reference Input Current Deviation of Reference Input Current Minimum Cathode Current for Regulation Off-State Cathode Current Dynamic Impedance
VREF/T
VKA = VREF, IK =10mA TA =Full Range VKA=10V -VREF
mV
VREF/VKA IREF IREF/T
IK =10mA VKA=36V-10V IKA=10mA, R1=10, R2= IK =10mA, R1=10, R2= TA =Full Range VKA= VREF VKA=36V, VREF=0 VKA= VREF, IK =1mA~100mA f 1kHz 0.17 0.27
mV/V uA uA
IK(MIN) IK(OFF) ZKA
0.5 0.90 0.50
mA uA
2008 - Rev. 1.2
-4-
HTC
PROGRAMMABLE PRECISION SHUNT REGULATOR
TEST CIRCUITS
TL431/A/C
[ Fig 1. Test circuit for VKA = VREF ]
[ Fig 2. Test circuit for VKA VREF ]
[ Fig 3. Test circuit for IKA(OFF) ]
2008 - Rev. 1.2
-5-
HTC
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
The deviation parameters VREF/T and IREF/T are defined as the differences between the maximum and minimum values obtained over the recommended temperature range. The average full-range temperature coefficient of the reference voltage, VREF, is defined as :
Where : TA is the recommended operating free-air temperature range of the device. VREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at the lower temperature. Example : Maximum VREF=2496mV at 30, maximum VREF=2492mV at 0, VREF=2495mV at 25, TA=70 for TL431C.
aVREF
4mV 6 x 10 23 ppm 2495mV = C 70C
Because minimum VREF occurs at the lower temperature, the coefficient is positive.
Calculating Dynamic Impedance
The dynamic impedance is defined as :
Z KA =
VKA I KA
When the device is operating with two external resistors, the total dynamic impedance of the circuit is given by :
Z' =
V R1 Z KA 1 + I R2
2008 - Rev. 1.2
-6-
HTC
PROGRAMMABLE PRECISION SHUNT REGULATOR
TYPICAL OPERATING CHARACTERISTICS
REFERENCE VOLTAGE vs JUNCTION TEMPERATUR
TL431/A/C
PULSE RESPONSE
2.501 2.500
VREF-Reference Voltage (V) Input & Output Voltage (V) VKA=VREF IKA=10mA
6
Input
2.499 2.498 2.497 2.496 2.495 2.494 2.493 2.492 0 20 40 60 80 100 120
5 4 3 2 1 0 -1 0 1 2 3 4 5 6
Output
VKA=VREF IKA=10mA TA=25
VREF=2.495V 0.5%
7
8
TJ-Junction Temperature ()
t-Time (us)
CATHODE CURRENT vs CATHODE VOLTAGE
CATHODE CURRENT vs CATHODE VOLTAGE
0.15 0.13
IKA-Cathode Current (mA) VKA=VREF TA=25 IKA-Cathode Current (uA)
800
VKA=VREF TA=25
0.10 0.08 0.05 0.03 0.00 -0.03 -0.05 -0.08 -0.10 -2.0 -1.0 0.0 1.0 2.0 3.0
600
400
200
0
-200 -1.0 0.0 1.0 2.0 3.0
VKA-Cathode Voltage (V)
VKA-Cathode Voltage (V)
T.B.D
2008 - Rev. 1.2
-7-
HTC
PROGRAMMABLE PRECISION SHUNT REGULATOR
APPICATION INFORMATION
1. Shunt Regulator
TL431/A/C
Note A : R Should provide cathode current 1mA to the TL431 at minimum VI(BATT)
2. Precision High-Current Series Regulator
Note A : R Should provide cathode current1mA to the TL431 at minimum VI(BATT)
3. Output Control of a Three-Terminal Fixed Regulator
2008 - Rev. 1.2
-8-
HTC
PROGRAMMABLE PRECISION SHUNT REGULATOR
4. High-Current Shunt Regulator
TL431/A/C
5. Precision 5-V 1.5A Regulator
6. Efficient 5-V Precision Regulator
NOTE A : RB Should provide cathode current1mA to the TL431.
2008 - Rev. 1.2
-9-
HTC
PROGRAMMABLE PRECISION SHUNT REGULATOR
7. PWM Converter With Reference
TL431/A/C
8. Voltage Monitor
NOTE A : R3 and R4 are selected to provide the desired LED intensity and cathode current 1mA to the TL431 at the available VI(BATT).
9. Delay Timer
2008 - Rev. 1.2
- 10 -
HTC
PROGRAMMABLE PRECISION SHUNT REGULATOR
10. Precision Current Limiter
TL431/A/C
11. Precision Constant-Current Sink
2008 - Rev. 1.2
- 11 -
HTC


▲Up To Search▲   

 
Price & Availability of TL431A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X